PART |
Description |
Maker |
MAX5200 MAX5200ACUB MAX5200AEUB MAX5200BEUB MAX520 |
Low-Cost.Voltage-Output.16-Bit DACs with Internal Reference in µ.MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in MAX " Low- Cost, Voltage-Output, 16-Bit DACs with Internal Reference in ?MAX" Low-Cost / Voltage-Output / 16-Bit DACs with Internal Reference in MAX Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor
|
CLV1540E |
2.5V, 150MHz, 1:5 Output Low Skew Clock Driver 低成高性能压控振荡 LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc. ZCOMM[Z-Communications, Inc] Z communications
|
MAX5541 MAX5541CSA MAX5541ESA |
Low-Cost, 5V, Serial-Input, Voltage-Output, 16-Bit DAC Low-Cost / 5V / Serial-Input / Voltage-Output / 16-Bit DAC
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADM4073HWRJZ-REEL7 ADM4073TWRJZ-REEL7 ADM4073 ADM4 |
LOW COST, VOLTAGE OUTPUT, HIGH-SIDE, CURRENT-SENSE AMPLIFIER
|
Analog Devices
|
AD8017ARZ-REEL AD8017ARZ |
Low Cost High Output Current High Output Voltage Line Driver
|
Analog Devices
|
MAX4073F12 MAX4073H12 MAX4073T12 |
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
|
Maxim Integrated Products
|
MAX4073T |
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
|
Maxim Integrated Products, Inc.
|
AD8532 AD8532AR-REEL AD8532AR-REEL7 AD8532ARM-R2 A |
Low Cost, 250 mA Output Dual-Supply Amplifiers Low Cost, 250 mA Output Quad-Supply Amplifiers Low Cost, 250 mA Output Single-Supply Amplifiers
|
Analog Devices
|
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
AMS2501 AMS2501CS AMS2501CS-15 AMS2501CS-18 AMS250 |
Dual 4-Input Multiplexers 16-SOIC -55 to 125 1A VERY LOW DROPOUT VOLTAGE REGULATORS A非常低压差电压调节器 Dual 4-Input Multiplexers 16-PDIP -55 to 125 REC3-SR_DR/H1 Series - Econoline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 3W; Low Cost 3W converter
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
ADM4073 ADM4073TWRJZ-REEL7 ADM4073FWRJZ-REEL7 ADM4 |
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
Analog Devices, Inc.
|